Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M48T35_0708 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce M48T35_0708
Description  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35_0708 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button M48T35_0708 Datasheet HTML 21Page - STMicroelectronics M48T35_0708 Datasheet HTML 22Page - STMicroelectronics M48T35_0708 Datasheet HTML 23Page - STMicroelectronics M48T35_0708 Datasheet HTML 24Page - STMicroelectronics M48T35_0708 Datasheet HTML 25Page - STMicroelectronics M48T35_0708 Datasheet HTML 26Page - STMicroelectronics M48T35_0708 Datasheet HTML 27Page - STMicroelectronics M48T35_0708 Datasheet HTML 28Page - STMicroelectronics M48T35_0708 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Revision history
M48T35 M48T35Y
28/29
8
Revision history
Table 19.
Document revision history
Date
Revision
Changes
Nov- 1999
1.0
First Issue
07-Feb-2000
1.1
tDR Description changed (Table 9)
04-Jun-2001
2.0
Reformatted; temp/voltage info. added to tables (Table 8, 9, 3, 4, 10,
11); add Century Bit text
31-Jul-2001
2.1
Formatting changes based on latest document reviews
06-Mar-2002
2.2
Add PMDIP Packaging option, which is “Not for New Design” (NND)
(Table 17, 16, and Figure 17)
20-May-2002
2.3
Modify reflow time and temperature footnotes (Table 6)
26-Jun-2002
2.4
Add footnote to table (Table 11)
31-Mar-2003
3.0
v2.2 template applied; data retention condition updated (Table 11)
10-Dec-2003
4.0
Reformatted; update DC Characteristics (Table 9)
31-Mar-2004
5.0
Reformatted; update Pb-free package information (Table 6, 17)
05-Dec20-05
6.0
Updated template, Lead-free text, and remove footnote (Table 9, 17)
01-Aug-2007
7.0
Reformatted; added lead-free second level interconnect information to
cover page and Section 6: Package mechanical information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29