| Moteur de recherche de fiches techniques de composants électroniques |
|
L6725 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6725 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() L6725 - L6725A Electrical data 5/32 2 Electrical data 2.1 Maximum rating Table 2. Absolute maximum ratings 2.2 Thermal data Table 3. Thermal data Symbol Parameter Value Unit VCC VCC to GND and PGND, OCH -0.3 to 20 V VBOOT - VPHASE Boot voltage 0 to 6 \ VHGATE - VPHASE 0 to VBOOT - VPHASE V VBOOT BOOT -0.3 to 26 V VPHASE PHASE -1 to 20 V PHASE Spike, transient < 50ns (FSW = 500KHz) -3 +24 SS, FB, EAREF, OCL, LGATE, COMP, VCCDR -0.3 to 6 V OCH Pin Maximum withstanding voltage range Test Condition: CDF-AEC-Q100-002 "Human Body Model" Acceptance Criteria: "Normal Performance" ±1500 V OTHER PINS ±2000 Symbol Description Value Unit RthJA (1) 1. Package mounted on demoboard Max. thermal resistance junction to ambient 50 °C/W TSTG Storage temperature range -40 to 150 °C TJ Junction operating temperature range -40 to 125 °C TA Ambient operating temperature range -40 to +85 °C |