Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6725 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L6725
Description  Voltage mode PWM controller with bootstrap anti-discharging system
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L6725_07 Datasheet HTML 24Page - STMicroelectronics L6725_07 Datasheet HTML 25Page - STMicroelectronics L6725_07 Datasheet HTML 26Page - STMicroelectronics L6725_07 Datasheet HTML 27Page - STMicroelectronics L6725_07 Datasheet HTML 28Page - STMicroelectronics L6725_07 Datasheet HTML 29Page - STMicroelectronics L6725_07 Datasheet HTML 30Page - STMicroelectronics L6725_07 Datasheet HTML 31Page - STMicroelectronics L6725_07 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
L6725 - L6725A
Package mechanical data
29/32
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect . The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32