| Moteur de recherche de fiches techniques de composants électroniques |
|
L78S09CV Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78S09CV Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 31 page ![]() L78Sxx - L78SxxC Electrical characteristics 15/31 Table 19. Electrical characteristics of L78S24C (refer to the test circuits, TJ = 25 °C, VI = 33 V, IO = 500 mA, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 23 24 25 V VO Output voltage IO = 1A, VI = 27V 22.8 24 25.2 V ΔVO Line regulation VI = 27 to 38V 480 mV VI = 30 to 36V 240 ΔVO Load regulation IO = 20 mA to 1.5A 480 mV IO = 2A 300 IQ Quiescent current 8 mA ΔIQ Quiescent current change IO = 20mA to 1A 0.5 mA VI = 27 to 38 V, IO = 20mA 1 ΔVO/ΔT Output voltage drift IO = 5mA, TJ = 0°C to 70°C -1.5 mV/°C eN Output noise voltage B =10Hz to 100kHz 170 µV SVR Supply voltage rejection f = 120Hz 42 dB VI Operating input voltage IO ≤1A 27 V RO Output resistance f = 1 kHz 28 m Ω Isc Short circuit current VI = 27V 500 mA Iscp Short circuit peak current 3 A |