Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78S09CV Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce L78S09CV
Description  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09CV Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button L78S09CV Datasheet HTML 8Page - STMicroelectronics L78S09CV Datasheet HTML 9Page - STMicroelectronics L78S09CV Datasheet HTML 10Page - STMicroelectronics L78S09CV Datasheet HTML 11Page - STMicroelectronics L78S09CV Datasheet HTML 12Page - STMicroelectronics L78S09CV Datasheet HTML 13Page - STMicroelectronics L78S09CV Datasheet HTML 14Page - STMicroelectronics L78S09CV Datasheet HTML 15Page - STMicroelectronics L78S09CV Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
L78Sxx - L78SxxC
12/31
Table 13.
Electrical characteristics of L78S75C (refer to the test circuits, TJ = 25 °C, VI = 12.5 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
7.15
7.5
7.9
V
VO
Output voltage
IO = 1A, VI = 9.5V
7.1
7.5
7.95
V
ΔVO
Line regulation
VI = 9.5 to 25V
120
mV
VI = 10.5 to 20V
60
ΔVO
Load regulation
IO = 20 mA to 1.5A
140
mV
IO = 2A
100
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 9.5 to 25 V, IO = 20mA
1.3
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = 0°C to 70°C
-0.8
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
52
µV
SVR
Supply voltage rejection
f = 120Hz
48
dB
VI
Operating input voltage
IO ≤1A
10.5
V
RO
Output resistance
f = 1 kHz
16
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A
Table 14.
Electrical characteristics of L78S09C (refer to the test circuits, TJ = 25 °C, VI = 14 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
8.65
9
9.35
V
VO
Output voltage
IO = 1A, VI = 11V
8.6
9
9.4
V
ΔVO
Line regulation
VI = 11 to 25V
130
mV
VI = 11 to 20V
65
ΔVO
Load regulation
IO = 20 mA to 1.5A
170
mV
IO = 2A
100
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 11 to 25 V, IO = 20mA
1.3
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = 0°C to 70°C
-1
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
60
µV
SVR
Supply voltage rejection
f = 120Hz
47
dB
VI
Operating input voltage
IO ≤1A
12
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31