Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBP13 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce LNBP13
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP13 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button LNBP13 Datasheet HTML 16Page - STMicroelectronics LNBP13 Datasheet HTML 17Page - STMicroelectronics LNBP13 Datasheet HTML 18Page - STMicroelectronics LNBP13 Datasheet HTML 19Page - STMicroelectronics LNBP13 Datasheet HTML 20Page - STMicroelectronics LNBP13 Datasheet HTML 21Page - STMicroelectronics LNBP13 Datasheet HTML 22Page - STMicroelectronics LNBP13 Datasheet HTML 23Page - STMicroelectronics LNBP13 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Package mechanical data
LNBP20 / LNBP1X series
22/24
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D20.2
0.795
N60
2.362
T
30.4
1.197
Ao
14.9
15.1
0.587
0.594
Bo
9.9
10.1
0.390
0.398
Ko
4.15
4.35
0.163
0.171
Po
3.9
4.1
0.153
0.161
P
23.9
24.1
0.941
0.949
W
23.7
24.3
0.933
0.957
Tape & Reel PowerSO10 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24