Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBH221 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce LNBH221
Description  Dual LNB supply and control IC with Step-Up converter and I2C interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 19Page - STMicroelectronics LNBH221 Datasheet HTML 20Page - STMicroelectronics LNBH221 Datasheet HTML 21Page - STMicroelectronics LNBH221 Datasheet HTML 22Page - STMicroelectronics LNBH221 Datasheet HTML 23Page - STMicroelectronics LNBH221 Datasheet HTML 24Page - STMicroelectronics LNBH221 Datasheet HTML 25Page - STMicroelectronics LNBH221 Datasheet HTML 26Page - STMicroelectronics LNBH221 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
LD39150
Package mechanical data
23/27
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27