Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBH221 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce LNBH221
Description  Dual LNB supply and control IC with Step-Up converter and I2C interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH221 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button LNBH221 Datasheet HTML 7Page - STMicroelectronics LNBH221 Datasheet HTML 8Page - STMicroelectronics LNBH221 Datasheet HTML 9Page - STMicroelectronics LNBH221 Datasheet HTML 10Page - STMicroelectronics LNBH221 Datasheet HTML 11Page - STMicroelectronics LNBH221 Datasheet HTML 12Page - STMicroelectronics LNBH221 Datasheet HTML 13Page - STMicroelectronics LNBH221 Datasheet HTML 14Page - STMicroelectronics LNBH221 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LD39150
Application information
11/27
5.4
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
5.5
Acknowledge
The master (µP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 7.). The peripheral (LNBH221) that acknowledges has to pull-down
(LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW
during this clock pulse. The peripheral which has been addressed has to generate an
acknowledge after the reception of each byte, otherwise the SDA line remains at the HIGH
level during the ninth clock pulse time. In this case the master transmitter can generate the
STOP information in order to abort the transfer. The LNBH221 won't generate the
acknowledge if the VCC supply is below the Undervoltage Lockout threshold (6.7V typ.).
5.6
Transmission without acknowledgement
Avoiding to detect the acknowledge of the LNBH221, the µP can use a simpler
transmission: simply it waits one clock without checking the slave acknowledging, and
sends the new data.
This approach of course is less protected from misworking and decreases the noise
immunity..
Figure 5.
Data Validity On The I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27