| Moteur de recherche de fiches techniques de composants électroniques |
|
LIS331DL Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS331DL Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() LIS331DL Register description 35/42 7.19 CLICK_SRC (39h) 7.20 CLICK_THSY_X (3Bh) From 0.5 g (0001) to 7.5 g (1111) with step of 0.5 g. Table 48. Click interrupt configurations Double_Z / Y / X Single_Z / Y / X Click output 00 0 01 Single 10 Double 1 1 Single OR Double Table 49. CLICK_SRC register -- IA Double_Z Single_Z Double_Y Single_Y Double_X Single_X Table 50. CLICK_SRC description IA Interrupt Active. Default value: 0 (0: no interrupt has been generated; 1: one or more interrupt events have been generated) Double_Z Double click on Z axis event. Default value: 0 (0: no interrupt; 1: Double Z event has occurred) Single_Z Single click on Z axis event. Default value: 0 (0: no interrupt; 1: Single Z event has occurred) Double_Y Double click on Y axis event. Default value: 0 (0: no interrupt; 1: Double Y event has occurred) Single_Y Single click on Y axis event.Default value: 0 (0: no interrupt; 1: Single Y event has occurred) Double_X Double click on X axis event. Default value: 0 (0: no interrupt; 1: Double X event has occurred) Single_X Single click on X axis event. Default value: 0 (0: no interrupt; 1: Single X event has occurred) Table 51. CLICK_THSY_X register THSy3 THSy2 THSy1 THSy0 THSx3 THSx2 THSx1 THSx0 Table 52. CLICK_THSY_X description THSy3, THSy0 Click Threshold on Y axis. Default value: 0000 THSx3, THSx0 Click Threshold on X axis. Default value: 0000 |