Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS331DL Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce LIS331DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DL Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button LIS331DL_08 Datasheet HTML 28Page - STMicroelectronics LIS331DL_08 Datasheet HTML 29Page - STMicroelectronics LIS331DL_08 Datasheet HTML 30Page - STMicroelectronics LIS331DL_08 Datasheet HTML 31Page - STMicroelectronics LIS331DL_08 Datasheet HTML 32Page - STMicroelectronics LIS331DL_08 Datasheet HTML 33Page - STMicroelectronics LIS331DL_08 Datasheet HTML 34Page - STMicroelectronics LIS331DL_08 Datasheet HTML 35Page - STMicroelectronics LIS331DL_08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Register description
LIS331DL
32/42
7.13
FF_WU_DURATION_1 (33h)
Duration register for Free-Fall/Wake-Up interrupt 1. Duration step and maximum value
depend on the ODR chosen. Step 2.5 msec, from 0 to 637.5 msec if ODR=400 Hz, else step
10 msec, from 0 to 2.55 sec when ODR=100 Hz. The counter used to implement duration
function is blocked when LIR=1 in configuration register and the interrupt event is verified
7.14
FF_WU_CFG_2 (34h)
Table 36.
FF_WU_DURATION_1 register
D7
D6
D5
D4
D3
D2
D1
D0
Table 37.
FF_WU_DURATION_1 description
D7-D0
Duration value. Default value: 0000 0000
Table 38.
FF_WU_CFG_2 register
AOI
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 39.
FF_WU_CFG_2 description
AOI
And/Or combination of Interrupt events. Default value: 0
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch Interrupt request into FF_WU_SRC_2 reg with the FF_WU_SRC_2 reg cleared
by reading FF_WU_SRC_2 reg. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE
Enable interrupt generation on Z High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42