| Moteur de recherche de fiches techniques de composants électroniques |
|
ML6206P302PLG Fiches technique(PDF) 13 Page - Minilogic Device Corporation Limited |
|
|
|||||||||||||||||||||||||||||
ML6206P302PLG Fiches technique(HTML) 13 Page - Minilogic Device Corporation Limited |
|
13 / 13 page ![]() P13/13 July 2008 ML6206 SIZE (mm) P 12.7 ± 1.0 PO 12.7 ± 0.3 P2 6.35 ± 0.4 +0.45 F 2.5 -0.15 W 18.0 ± 1.0 WO 6.0 ± 0.3 W1 9.0 ± 0.5 W2 0.5 MAX H 19.0 ± 0.5 H0 16.0 ± 0.5 H1 32.25 MAX D ∅ 4.0 ± 0.2 t 0.6 ± 0.2 L1 3.5 MIN P2 P D F PO t 2,000 pcs / box TO-92 Taping Specifications : MiniLogic reserves the rights to change the information and specification s without prior notice. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. |