| Moteur de recherche de fiches techniques de composants électroniques |
|
ML6206P302PLG Fiches technique(PDF) 11 Page - Minilogic Device Corporation Limited |
|
|
|||||||||||||||||||||||||||||
ML6206P302PLG Fiches technique(HTML) 11 Page - Minilogic Device Corporation Limited |
|
11 / 13 page ![]() P11/13 July 2008 ML6206 Tape and Reel Information SOT-23 Taping Specifications : Direction of feed “R” type [Orientation of Device: Right] Standard Type Direction of feed “L” type [Orientation of Device: Left] Reverse Type 4 ± 0.1 2 ± 0.05 ∅1.5 + 0.1 - 0 ∅ 1.1 ± 0.1 4 ± 0.1 SIZE (mm) A ∅ 178 ± 0.8 B 2 ± 0.2 C ∅ 13 ± 0.2 D ∅ 21 ± 0.8 G 8 ± 0.5 H ∅ 60 3,000 pcs / reel SOT-23 : |