Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5365V032 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce VT5365V032
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365V032 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button VT5365V032 Datasheet HTML 16Page - STMicroelectronics VT5365V032 Datasheet HTML 17Page - STMicroelectronics VT5365V032 Datasheet HTML 18Page - STMicroelectronics VT5365V032 Datasheet HTML 19Page - STMicroelectronics VT5365V032 Datasheet HTML 20Page - STMicroelectronics VT5365V032 Datasheet HTML 21Page - STMicroelectronics VT5365V032 Datasheet HTML 22Page - STMicroelectronics VT5365V032 Datasheet HTML 23Page - STMicroelectronics VT5365V032 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Optics assembly
VT5365
20/26
5.2
Mouse assembly guidelines
1.
Attach the sensor and all other electrical components onto the PCB, with the exception
of the navigation LED.
2.
Form the LED leads and insert the LED into the optical assembly.
3.
Fit the optics with aperture to the PCB using the guideposts, and feed the navigation
LED leads through their openings. Take care to avoid contamination of the sensor
surface. The aperture should self-align to the sensor package.
4.
Assemble the completed PCB onto the base plate.
5.
Solder the navigation LED leads and trim.
6.
Add the mouse top case, feet etc.
Note:
For more details on the optics (including manufacturers) please refer to the STV-365-R0X
user manuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26