Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT5365V032 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce VT5365V032
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365V032 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button VT5365V032 Datasheet HTML 11Page - STMicroelectronics VT5365V032 Datasheet HTML 12Page - STMicroelectronics VT5365V032 Datasheet HTML 13Page - STMicroelectronics VT5365V032 Datasheet HTML 14Page - STMicroelectronics VT5365V032 Datasheet HTML 15Page - STMicroelectronics VT5365V032 Datasheet HTML 16Page - STMicroelectronics VT5365V032 Datasheet HTML 17Page - STMicroelectronics VT5365V032 Datasheet HTML 18Page - STMicroelectronics VT5365V032 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VT5365
ST default firmware
15/26
3.10
Overall system performance
The overall performance of a wireless mouse system depends on many different factors
including:
Battery choice
Power supply design
Design of external RF transmission circuitry
User model (that is, how much time the mouse is actually being used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26