Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 35Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 36Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 37Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 38Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 39Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 40Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 41Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 42Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
STMPE1208S
Register map and function description
39/51
GPIO_IN_H
GPIO input state (higher) register
Address:
0x7A
Type:
R
Reset:
0x00
Description:
Reads the current logical level of corresponding DIO if it is set as GPIO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51