Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 24Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 25Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 26Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 27Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 28Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 29Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 30Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 31Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Register map and function description
STMPE1208S
28/51
CTRL_2
Control register 2
Address:
0x25
Type:
R/W
Reset:
0x00
Description:
Control register.
7654
3
2
1
0
RESERVED
REGD
SCD
BEEP_ON
INT_POL
[7:4] RESERVED
[3] REGD:
'0' to enable internal regulator (default)
'1' to disable
[2] SCD: Sensor clock disable.
Write '1' to disable sensor clock.
[1] BEEP_EN:
'1' to enable beep output
[0] INT_POL: Interrupt polarity
'0' for rising edge
'1' for falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51