| Moteur de recherche de fiches techniques de composants électroniques |
|
74V1G07STR Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V1G07STR Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() 74V1G07 3/9 DC SPECIFICATIONS AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 3.0 to 5.5 0.7VCC 0.7VCC 0.7VCC VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 3.0 to 5.5 0.3VCC 0.3VCC 0.3VCC VOL Low Level Output Voltage 2.0 IO=50 µA 0.0 0.1 0.1 0.1 V 3.0 IO=50 µA 0.0 0.1 0.1 0.1 4.5 IO=50 µA 0.0 0.1 0.1 0.1 3.0 IO=4 mA 0.36 0.44 0.55 4.5 IO=8 mA 0.36 0.44 0.55 IOZ High Impedance Output Leakage Current 5.5 VI =VIH or VIL VO =VCC or GND ± 0.25 ± 2.5 ± 5 µA II Input Leakage Current 0to 5.5 VI =5.5Vor GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 5.5 VI =VCC or GND 110 20 µA Symbol Parameter Test Condition Value Unit VCC (V) CL (pF) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPZL Propagation Delay Time 3.3(*) 15 1.0 4.8 7.7 1.0 9.0 1.0 10.0 ns 3.3(*) 50 1.0 5.3 8.5 1.0 10.0 1.0 11.0 5.0(**) 15 1.0 3.7 5.5 1.0 6.5 1.0 7.5 5.0(**) 50 1.0 4.2 7.5 1.0 8.5 1.0 9.5 tPLZ Propagation Delay Time 3.3(*) 50 1.0 7.5 10.5 1.0 11.5 1.0 12.5 ns 5.0(**) 50 1.0 4.7 7.5 1.0 8.5 1.0 9.5 |