Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V1G07STR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 74V1G07STR
Description  SINGLE BUFFER (OPEN DRAIN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G07STR Fiches technique(HTML) 6 Page - STMicroelectronics

  74V1G07STR Datasheet HTML 1Page - STMicroelectronics 74V1G07STR Datasheet HTML 2Page - STMicroelectronics 74V1G07STR Datasheet HTML 3Page - STMicroelectronics 74V1G07STR Datasheet HTML 4Page - STMicroelectronics 74V1G07STR Datasheet HTML 5Page - STMicroelectronics 74V1G07STR Datasheet HTML 6Page - STMicroelectronics 74V1G07STR Datasheet HTML 7Page - STMicroelectronics 74V1G07STR Datasheet HTML 8Page - STMicroelectronics 74V1G07STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74V1G07
6/9
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L MECHANICAL DATA
0



Html Pages

1 2 3 4 5 6 7 8 9