Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2329 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button ST2329_08 Datasheet HTML 12Page - STMicroelectronics ST2329_08 Datasheet HTML 13Page - STMicroelectronics ST2329_08 Datasheet HTML 14Page - STMicroelectronics ST2329_08 Datasheet HTML 15Page - STMicroelectronics ST2329_08 Datasheet HTML 16Page - STMicroelectronics ST2329_08 Datasheet HTML 17Page - STMicroelectronics ST2329_08 Datasheet HTML 18Page - STMicroelectronics ST2329_08 Datasheet HTML 19Page - STMicroelectronics ST2329_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
ST2329
16/21
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 7.
QFN10L (1.8 x 1.4 mm) package outline
7936408 Rev.D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21