Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2329 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST2329_08 Datasheet HTML 3Page - STMicroelectronics ST2329_08 Datasheet HTML 4Page - STMicroelectronics ST2329_08 Datasheet HTML 5Page - STMicroelectronics ST2329_08 Datasheet HTML 6Page - STMicroelectronics ST2329_08 Datasheet HTML 7Page - STMicroelectronics ST2329_08 Datasheet HTML 8Page - STMicroelectronics ST2329_08 Datasheet HTML 9Page - STMicroelectronics ST2329_08 Datasheet HTML 10Page - STMicroelectronics ST2329_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST2329
Electrical characteristics
7/21
5
Electrical characteristics
Table 6.
DC characteristics (over recommended operating conditions unless otherwise noted. All
typical values are at TA = 25
oC)
Symbol
Parameter
Test conditions
Value
Unit
VL
VCC
TA = 25 oC-40 to 85 oC
Min
Typ
Max
Min
Max
VIHL
High level input
voltage (I/OVL)
1.65
VL to 5.5
1.4
1.4
V
2.0
1.6
1.6
2.5
2.0
2.0
3.0
2.4
2.4
3.6
2.8
2.8
VILL
Low level input
voltage (I/OVL)
1.65
VL to 5.5
0.3
0.3
V
2.0
0.4
0.4
2.5
0.5
0.5
3.0
0.6
0.6
3.6
0.8
0.8
VIHC
High level input
voltage
(I/OVCC)
1.65 to
VCC
1.8
1.6
1.6
V
2.5
2.3
2.3
3.0
2.7
2.7
3.6
3.3
3.3
4.3
3.5
3.5
5.5
4.2
4.2
VILC
Low level input
voltage
(I/OVCC)
1.65 -
2.5
3 - 5.5
0.3
V
2.7 -
3.6
3.6 - 5.5
0.5
VIH-OE
High level input
voltage (OE)
1.65
VL to 5.5
1.0
1.0
V
2.0
1.2
1.2
2.5
1.4
1.4
3.0
1.6
1.6
3.6
2.0
2.0
VIL-OE
Low level input
voltage (OE)
1.65
VL to 5.5
0.33
0.33
V
2.0
0.40
0.40
2.5
0.50
0.50
3.0
0.60
0.60
3.6
0.75
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21