| Moteur de recherche de fiches techniques de composants électroniques |
|
JS48F4400PCZ00 Fiches technique(PDF) 102 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS48F4400PCZ00 Fiches technique(HTML) 102 Page - Numonyx B.V |
|
102 / 102 page ![]() Numonyx™ Wireless Flash Memory (W18) Datasheet November 2007 102 Order Number: 290701-18 Numonyx™ Wireless Flash Memory (W18) T = Non Mux U = AD Mux W = "Full" Ad Mux 1 X16 Top --- 2 Top Bottom - - 3 Top Top Bottom - 4 Top Bottom Top Bottom 2 X32 Top Top - - 4 Top Top Bottom Bottom 1. Only Flash is Muxed and RAM is non-Muxed 2. Both Flash and RAM are AD-Muxed Table 54: Parameter / Mux Configuration Decoder Code, Mux Identification Number of Flash Die Bus Width Flash Die 1 Flash Die 2 Flash Die 3 Flash Die 4 Table 55: Ballout Decoder Code Ballout Definition 0 (Zero) SDiscrete ballout (Easay BGA and TSOP) B x16D ballout, 105 ball (x16 NOR + NAND + DRAM Share Bus) C x16C ballout, 107 ball (x16 NOR + NAND + PSRAM Share Bus) Q QUAD/+ ballout, 88 ball (x16 NOR + PSRAM Share Bus) U x32SH ballout, 106 ball (x32 NOR only Share Bus) V x16SB ballout, 165 ball (x16 NOR / NAND + x16 DRAM Split Bus W x48D ballout, 165 ball (x16/x32 NOR + NAND + DRAM Split Bus |