Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS48F4400PCZ00 Fiches technique(PDF) 68 Page - Numonyx B.V

No de pièce JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Fiches technique(HTML) 68 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 64Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 65Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 66Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 67Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 68Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 69Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 70Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 71Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 72Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
68
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
The 2-cycle erase sequence cannot be interrupted with a bus write operation. For
example, an Erase Setup command must be immediately followed by the Erase Confirm
command in order to execute properly. If a different command is issued between the
setup and confirm commands, the partition is placed in read-status mode, the Status
Register signals a command sequence error, and all subsequent erase commands to
that partition are ignored until the Status Register is cleared.
The CPU can detect block erase completion by analyzing SR[7] of that partition. If an
error bit (SR[5,3,1]) was flagged, the Status Register can be cleared by issuing the
Clear Status Register command before attempting the next operation. The partition
remains in read-status mode until another command is written to its CUI. Any CUI
instruction can follow after erasing completes. The CUI can be set to read-array mode
to prevent inadvertent Status Register reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More