| Moteur de recherche de fiches techniques de composants électroniques |
|
JS48F4400PCZ00 Fiches technique(PDF) 86 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS48F4400PCZ00 Fiches technique(HTML) 86 Page - Numonyx B.V |
|
86 / 102 page ![]() Numonyx™ Wireless Flash Memory (W18) Datasheet November 2007 86 Order Number: 290701-18 Numonyx™ Wireless Flash Memory (W18) Appendix A Write State Machine States This table shows the command state transitions based on incoming commands. Only one partition can be actively programming or erasing at a time. Figure 40: Write State Machine — Next State Table (Sheet 1 of 2) Ch ip N e xt S tate aft e r C o m m a n d In p ut Re a d Arr a y (3 ) Pr o g ra m Se tu p (4 ,5 ) Er a s e Se tu p (4 ,5 ) E n ha nc e d Fa c to ry Pg m Se tu p (4 ) BE C o n firm , P/E R e s u m e , UL B Co n fir m (9 ) Pr o g ra m / E ras e Su s p e n d Re a d Sta tu s Cle a r Sta tu s Re g is te r (6 ) Re a d ID /Q u e r y (F F H ) (1 0 H /40 H ) (2 0H ) (3 0 H ) (D 0 H ) ( B 0H ) ( 70 H ) (5 0H ) ( 90 H , 98 H ) R e ad y R ea dy Pr o g ra m Se tu p Era s e Se tu p EF P Se tu p Re a d y L o ck/C R S e tu p R e a d y ( L o ck E r ro r) R e a d y R e a d y (L o ck E rr o r ) Se tu p O T P Bu s y Bu s y Se tu p Pr o g ra m Bu s y Bu s y P r o g ra m Bu s y P g m Su s p P r o g ra m Bu s y S u s p e n d P r o gram S u s p e n d P gm B u s y P rog r a m S u s p en d S e tu p R ea dy ( E rr or ) E ra s e B u s y R e a d y (E r ro r) B u s y Er a s e Bu s y Er a s e Su s p Era s e Bu s y Su s p e n d Era s e Su s p e n d Pg m in Er a s e Su s p Se tu p E ras e S u s p en d E ra s e B u s y E ras e S u s p e n d S e tu p P r o gram in E r a s e S u s p en d B u s y B u s y Pr o g ra m in Er a s e Su s p e n d Bu s y Pg m Su s p in Er a s e Su s p Pro g r a m in Era s e Su s p e n d Bu s y S u s p en d P r o g ra m S u s p en d in E r as e S u s p en d Pg m in Er a s e S u sp B u sy P rog r a m S u s p end in E ras e S u s p en d E r as e S u s p e n d (L oc k E rr o r ) E ras e S u s p Era s e Su s p e n d (L o c k E rro r) S e tu p R ea dy ( E rr or ) E F P B u s y R e a d y (E r ro r) EF P Bu s y EF P Bu s y (7 ) EF P Ve rify Ve r ify Bu s y (7 ) Ou tp ut N e xt S t a t e a f t e r C o m m a n d In p ut Sta tu s Sta tu s Sta tu s ID /Q u e r y Lo c k /C R S e tu p, Lo c k /C R S e tu p in E r as e S u s p O T P Bu s y Cu r r e n t C h ip St a t e (8 ) Re a d y , Pg m Bu s y , Pg m Su s p e n d , Era s e B u s y , E ras e S u s p e nd, P g m In E ra s e S u sp B u sy, P g m S u s p In E r a s e S u s p Pg m Se tu p , E ra s e S e tu p, O T P Se tu p , Pg m in Era s e S u s p Se tu p , EF P Se tu p , EF P Bu s y , V e r ify B u s y Lo c k /C R S e tu p in E r as e S u s pen d Era s e Pro g r a m Pro g r a m in E ra s e S u s p en d OT P E n ha nc ed Fa c to r y Pro g r a m Ou tp u t do es no t c h ang e Arr a y (3 ) S tatus O u tp ut d oes n o t c h an ge S tatu s |