Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP24DP05BTR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 18Page - STMicroelectronics STP24DP05BTR Datasheet HTML 19Page - STMicroelectronics STP24DP05BTR Datasheet HTML 20Page - STMicroelectronics STP24DP05BTR Datasheet HTML 21Page - STMicroelectronics STP24DP05BTR Datasheet HTML 22Page - STMicroelectronics STP24DP05BTR Datasheet HTML 23Page - STMicroelectronics STP24DP05BTR Datasheet HTML 24Page - STMicroelectronics STP24DP05BTR Datasheet HTML 25Page - STMicroelectronics STP24DP05BTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STP24DP05
Package mechanical data
23/26
Figure 20. TQFP48 mechanical data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.0035
0.0079
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.216
e
0.50
0.020
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.216
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0˚3.5˚7˚
0˚3.5˚7˚
TQFP48 MECHANICAL DATA
0110596/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26