Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP24DP05BTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STP24DP05BTR
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 18Page - STMicroelectronics STP24DP05BTR Datasheet HTML 19Page - STMicroelectronics STP24DP05BTR Datasheet HTML 20Page - STMicroelectronics STP24DP05BTR Datasheet HTML 21Page - STMicroelectronics STP24DP05BTR Datasheet HTML 22Page - STMicroelectronics STP24DP05BTR Datasheet HTML 23Page - STMicroelectronics STP24DP05BTR Datasheet HTML 24Page - STMicroelectronics STP24DP05BTR Datasheet HTML 25Page - STMicroelectronics STP24DP05BTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STP24DP05
22/26
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26