Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP24DP05 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STP24DP05
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STP24DP05 Datasheet HTML 12Page - STMicroelectronics STP24DP05 Datasheet HTML 13Page - STMicroelectronics STP24DP05 Datasheet HTML 14Page - STMicroelectronics STP24DP05 Datasheet HTML 15Page - STMicroelectronics STP24DP05 Datasheet HTML 16Page - STMicroelectronics STP24DP05 Datasheet HTML 17Page - STMicroelectronics STP24DP05 Datasheet HTML 18Page - STMicroelectronics STP24DP05 Datasheet HTML 19Page - STMicroelectronics STP24DP05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Feature description
STP24DP05
16/26
Figure 12. Detection circuit
7.3
Phase one: “entering in detection mode”
From the “normal mode” condition the device can switch to the “error detection mode“ by a
DM PIN set to LOW or a logic sequence on the OE-R/DM and LE/DM pins as showed in the
following table and diagram:
Figure 13. EDM timing diagram using DM pin
16
STP24DP05
24
23
Table 12.
SPI sequence to enter in detection mode - truth table
CLK
1°2°3°4°
OE-R/DM
H
L
HHH
LE/DM
LLL
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26