| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5412P Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5412P Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 74 page ![]() Table 8: REGISTER ACCESS MESSAGES (Continued) FUNCTION BYTE 1 BYTE 2 AD7/4 AD3/1 AD0 7 6 5 4 3 2 1 0 TXM4 W 0100 000 0 0 M42x M43x M44x M45x M46x 0 M48x TXM4 R 0100 000 1 0 0 0 0 0 0 0 0 TXM56 W 0100 001 0 0 0 0 M51x M61x M52x FEBx FEBx TXM56 R 0100 001 1 0 0 0 0 0 0 0 0 TXACT W 0100 010 0 0 0 0 0 C4x C3x C2x C1x TXACT R 0100 010 1 0 0 0 0 0 0 0 0 BEC1 R 0100 011 1 0 0 0 0 0 0 0 0 BEC2 R 0100 100 1 0 0 0 0 0 0 0 0 ECT1 W 0100 101 0 ECT17 ECT16 ECT15 ECT14 ECT13 ECT12 ECT11 ECT10 ECT1 R 0100 101 1 0 0 0 0 0 0 0 0 ECT2 W 0100 110 0 ECT27 ECT26 ECT25 ECT24 ECT23 ECT22 ECT21 ECT20 ECT2 R 0100 110 1 0 0 0 0 0 0 0 0 RXOH W 0100 111 0 EOC M4 M56 ACT 0 STATUS 0RST RESERVED 0100 111 1 0 0 0 0 0 0 0 0 TXEOC W 0101 EFG H XEOC1 XEOC2 XEOC3 XEOC4 XEOC5 XEOC6 XEOC7 XEOC8 TXEOC R 0110 000 1 0 0 0 0 0 0 0 0 RESERVED 0111 XXX X 0 0 0 0 0 0 0 0 IDR R 100X 000 0 0 0 0 0 0 0 0 0 DECTEOC W 1010 EFG H DEOC1 DEOC2 DEOC3 DEOC4 DEOC5 DEOC6 DEOC7 DEOC8 DECTEOC R 1011 000 1 0 0 0 0 0 0 0 0 RESERVED 1100 XXX 0 0 0 0 0 0 0 0 0 DBAUD R 1100 000 1 0 0 0 0 0 0 0 0 DTXRX R 1100 001 1 0 0 0 0 0 0 0 0 RESERVED 1100 X1X X 0 0 0 0 0 0 0 0 FREE 1101 XXX X 0 0 0 0 0 0 0 0 FREE 1110 XXX X 0 0 0 0 0 0 0 0 MWPS W 1111 111 0 FF = Mode B 00 = Mode A Notes: 1. All transmit registers can be read-back by setting bit 7 of BYTE 1 equal 1 except for TXEOC and D ECT EOC registers. To read-back TXEOC, use the command 61-00 H, to read back DECT EOC use command B1-00H.. 2. BEC1, BEC2 and IDR are read-only registers. 3. FREE adresses are ignored by the device. 4. In the TXEOC and DECTEOC registers: E = ea1, the msb of the EOC destination address F= ea2 G = ea3 H = dm, the EOC data/message mode indicator 5. M42x is significant in NT mode only STLC5412 53/74 |