| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5412P Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5412P Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 74 page ![]() Table 7b: RXACT (indication) and TXACT (command) codes. CODES NT1 (GCI ONLY, AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD (1) 1 000 1 – RES 2 001 0 – SP1 3 001 1 – RDT 4 010 0 EI EI 5 010 1 – PDN 6 011 0 – – 7 011 1 – QM 8 100 0 AP AR 9 100 1 – – A 1 0 1 0 ARL – B 101 1 – SP3 C 110 0 AI AI D 110 1 – – E 111 0 – AIL F 111 1 DI DI (1) MUST BE SET Bx PIN TO ‘0‘ TO FORCE A PUP. CODES NTRR (GCI ONLY, AUTO-MODE) LTRR (GCI ONLY, AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD (1) – PUP/DR 1 0 0 0 1 EIU RES EIU RES 2 0 0 1 0 –––– 3 0 0 1 1 –––– 4 0 1 0 0 EIEIEI FA0 5 0 1 0 1 –––– 6 0 1 1 0 UAP UAI UAI UAR 7 0 1 1 1 –––– 8 1 0 0 0 APAR APAR 9 1 0 0 1 –––– A 1 0 1 0 ARL – – ARL B 1 0 1 1 –––– C 1 1 0 0 AIAIAIAI D 1 1 0 1 –––– E 1 1 1 0 –––– F1 1 1 1 DI DI DI DI (1) MUST BE SET Bx PIN TO ‘0‘ TO FORCE A PUP. STLC5412 39/74 |