Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STULPI01ATBR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STULPI01ATBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01ATBR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STULPI01ATBR Datasheet HTML 36Page - STMicroelectronics STULPI01ATBR Datasheet HTML 37Page - STMicroelectronics STULPI01ATBR Datasheet HTML 38Page - STMicroelectronics STULPI01ATBR Datasheet HTML 39Page - STMicroelectronics STULPI01ATBR Datasheet HTML 40Page - STMicroelectronics STULPI01ATBR Datasheet HTML 41Page - STMicroelectronics STULPI01ATBR Datasheet HTML 42Page - STMicroelectronics STULPI01ATBR Datasheet HTML 43Page - STMicroelectronics STULPI01ATBR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Package mechanical data
STULPI01A - STULPI01B
40/44
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.300.35
9.8
11.8
13.8
D
3.5
3.6
3.7
137.8
141.7
145.7
D1
2.5
98.4
E
3.5
3.6
3.7
137.8
141.7
145.7
E1
2.5
98.4
e0.5
19.7
F
0.55
21.7
TFBGA36 mechanical data
7941410/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44