Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIL02-P5 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STIL02-P5
Description  AC inrush current limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL02-P5 Fiches technique(HTML) 5 Page - STMicroelectronics

  STIL02-P5 Datasheet HTML 1Page - STMicroelectronics STIL02-P5 Datasheet HTML 2Page - STMicroelectronics STIL02-P5 Datasheet HTML 3Page - STMicroelectronics STIL02-P5 Datasheet HTML 4Page - STMicroelectronics STIL02-P5 Datasheet HTML 5Page - STMicroelectronics STIL02-P5 Datasheet HTML 6Page - STMicroelectronics STIL02-P5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STIL02-P5
5/7
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
tp(ms)
T initial=25°C
j
ITSM
I²t
I
(A), I²t(A²s)
TSM
Fig. 1-1: Non repetitive surge peak on-state cur-
rent (sinusoidal pulse) and corresponding value of
I
2t.
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
tp(ms)
I
(A), I²t(A²s)
TSM
T initial=150°C
j
ITSM
I²t
Fig. 1-2: Non repetitive surge peak on-state cur-
rent (sinusoidal pulse) and corresponding value of
I
2t.
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
25
50
75
100
125
150
Tj(°C)
Ipt1 or Ipt2 [Tj] / Ipt1 or Ipt2 [Tj = 25°C]
Fig. 2: Relative variation of driver trigger current
versus junction temperature (typical values).
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
25
50
75
100
125
150
Tj(°C)
VDpt1 or VDpt2 [Tj] / VDpt1 or VDpt2 [Tj = 25°C]
Fig. 3: Relative variation of direct pilot voltage ver-
sus junction temperature (typical values).
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
K = [Zth(j-c)/Rth(j-c)]
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
Tj(°C)
P
& P
open
t1
t2
V
=700V
R(out)
I
OFF(µA)
R(OUT)
Fig.
5-1:
Reverse
current
versus
junction
temperature without driver current (typical values).



Html Pages

1 2 3 4 5 6 7