Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIL02-P5 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STIL02-P5
Description  AC inrush current limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL02-P5 Fiches technique(HTML) 3 Page - STMicroelectronics

  STIL02-P5 Datasheet HTML 1Page - STMicroelectronics STIL02-P5 Datasheet HTML 2Page - STMicroelectronics STIL02-P5 Datasheet HTML 3Page - STMicroelectronics STIL02-P5 Datasheet HTML 4Page - STMicroelectronics STIL02-P5 Datasheet HTML 5Page - STMicroelectronics STIL02-P5 Datasheet HTML 6Page - STMicroelectronics STIL02-P5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STIL02-P5
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ipt1
+
Ipt2
Driver trigger current
VDout = 12V (DC)
RL =30
tp = 380µs
Tj = 0°C
12
20
mA
Tj = 25°C
10
VD(pt1)
VD(pt2)
Direct pilot trigger voltage
VDout = 12V (DC)
RL =30
Tj = 0°C
0.6
0.85
1
V
Tj = 25°C
0.8
0.95
Tj = 150°C
0.2
0.45
VR(pt1)
VR(pt2)
Peak reverse driver voltage
Tj = 25°C
8V
dVDout/dt
Dynamic voltage rising
Linear slope up to
VDout = 470V
Tj = 150°C
500
V/µs
IRout(off)
Max reverse current without
driver current
VRout = 700V
Ipt1 = Ipt2 = open
Tj = 25°C
5µA
Tj = 150°C
300
µA
IRout(on)
Max reverse current with
driver current
VRout = 400V
Ipt1 = Ipt2 = 10mA
Tj = 150°C
300
µA
Vt0
Threshold direct voltage for
one power switch
Iout(AV) = 2A
Tj = 150°C
0.7
0.8
V
Rd
Dynamic direct resistance for
one power switch
Iout(AV) = 2A
Tj = 150°C
70
100
m
VF
Maximum instantaneous di-
rect forward voltage drop for
one power switch
Iout(AV) = 2A
Tj = 150°C
0.9
1.1
V
Power losses calculations
When the input current is sinusoidal, the conducted power losses can be calculated by using the following
formula:
(
)
PV
I
R
I
T
out av
d
out av
=+
×
0
2
8
.
()
()
π
If the output average current is 2Amps, VT0 and Rd of the electrical characteristics table can be used. For
different output current please refer to the application note AN1600 that provides guidelines to estimate the
correct values of VT0 and Rd.
ELECTRICAL CHARACTERISTICS
During lightning surge transient voltage across the AC line, over current and over voltage stress are ap-
plied on all the components of the power supply. The STIL02 can sustain a maximum peak surge current of
500A as defined by the combine waveform generator (8/20µs waveform as shown in fig. A3 and A4).
Special recommendations for the lightning surge immunity:
1 - Check that the maximum peak surge current in the STIL stays below the limit specified above.
2 - Check that no over voltages are applied on the STIL and the bridge diode.
3 - In order to reduce the dynamic current stress (dIout/dt) through the structure of the STIL02, it is recom-
mended to connect a differential mode choke coil in front of the STIL and the bridge diode.
More details and design guidelines are provided in the application note “AN1600 - STIL: Inrush Current
Limitation Device for Off-Line Power Converter”.
LIGHTNING SURGE IMMUNITY (IEC61000-4-5)



Html Pages

1 2 3 4 5 6 7