Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6452 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6452 Datasheet HTML 1Page - STMicroelectronics L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L6452
Pin description
5/22
2
Pin description
Figure 4.
Pin connection (Top view)
Table 1.
Pin function
Pin #
Name
Function
1
CRlatch
A rising edge transfer the information from CR shift register into the
control register latching the data on the falling edge
2, 5, 6, 8, 9,
11, 12, 14,
16, 18, 19,
21, 22, 24,
25, 28
Output15...0
High side DMOS outputs. To be active, ShortPulse and/or LongPulse
and NcEn must have a low level
1
2
3
5
6
4
7
8
9
10
36
11
37 38 39 40 41
95 94 93 92
90
91
89 88 87 86 85
70
69
68
66
65
67
75
74
73
71
72
OUTPUT13
OUTPUT14
POWGND
OUTPUT15
CRLATCH
VC
OUTPUT10
VC
OUTPUT11
VC
OUTPUT12
HSA4
HSA5
HSA6
HSA8
HSA9
HSA7
ENIC
GND
HSA1
HSA3
HSA2
D97IN489C
96
97
98
99
100
31 32 33 34 35
64
63
61
60
62
HSA10
HSA11
HSA13
Vr
HSA12
12
13
14
15
16
OUTPUT7
POWGND
OUTPUT8
OUTPUT9
VC
17
18
19
20
VC
OUTPUT5
OUTPUT6
VC
21
22
23
24
25
OUTPUT1
OUTPUT2
VC
OUTPUT4
OUTPUT3
59
57
56
58
HSB13
HSB11
HSB10
HSB12
HSB9
HSB8
HSB6
HSB5
HSB7
45 46 47 48 49 50
84 83
81
82
42 43 44
26
27
28
29
30
NCEN
LATCHCLEAR
OUTPUT0
VC
POWGND
55
54
52
51
53
HSB4
HSB3
HSB1
GND
HSB2
80
79
78
76
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22