Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6452 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics L6452 Datasheet HTML 13Page - STMicroelectronics L6452 Datasheet HTML 14Page - STMicroelectronics L6452 Datasheet HTML 15Page - STMicroelectronics L6452 Datasheet HTML 16Page - STMicroelectronics L6452 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
L6452
Electrical specifications
13/22
3.4
Decoder Truth Table
* C3 = S3, C2 = S2, C1 = S1, C0 = S0, when EnIC = 0
This table is valid for both Channel A and Channel B and when EnCh is set to low level.
OUTPUTS (HS)
ACTIVE
C3*
C2*
C1*
C0*
All inactive
0
0
0
0
1
0
0
0
1
2
0
0
1
1
3
0
0
1
0
4
0
1
1
0
5
0
1
1
1
6
0
1
0
1
7
0
1
0
0
8
1
1
0
0
9
1
1
0
1
10
1
1
1
1
11
1
1
1
0
12
1
0
1
0
13
1
0
0
0
All inactive
1
0
0
1
All inactive
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22