| Moteur de recherche de fiches techniques de composants électroniques |
|
L6390 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6390 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 22 page ![]() L6390 Waveforms definitions 13/22 6 Waveforms definitions Figure 4. Dead time and interlocking waveforms definitions LIN HIN LVG HVG LIN HIN LVG HVG LIN HIN LVG HVG LIN HIN LVG HVG DT DT DT gate driver outputs OFF (HALF-BRIDGE TRI-STATE) CONTROL SIGNAL EDGES OVERLAPPED: INTERLOCKING + DEAD TIME CONTROL SIGNALS EDGES SYNCHRONOUS (*): DEAD TIME CONTROL SIGNALS EDGES NOT OVERLAPPED, BUT INSIDE THE DEAD TIME: DEAD TIME CONTROL SIGNALS EDGES NOT OVERLAPPED, OUTSIDE THE DEAD TIME: DIRECT DRIVING (*) HIN and LIN can be connected togheter and driven by just one control signal DT gate driver outputs OFF (HALF-BRIDGE TRI-STATE) DT gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) DT gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) DT gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) |