| Moteur de recherche de fiches techniques de composants électroniques |
|
L6390 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6390 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 22 page ![]() L6390 Electrical data 7/22 4.3 Recommended operating conditions Table 6. Recommended operating conditions Symbol Pin Parameter Test condition Min Max Unit Vcc 4 Supply voltage 12.5 20 V VBO (1) 1. VBO = Vboot - Vout 16-14 Floating supply voltage 12.4 20 V Vout 14 DC output voltage - 9 (2) 2. LVG off. Vcc=12.5 V Logic is operational if Vboot > 5 V Refer to AN2378 for more details 580 V fsw Switching frequency HVG, LVG load CL = 1 nF 800 kHz TJ Junction temperature -40 125 °C |