Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002DIE1 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 42Page - STMicroelectronics STE2002DIE1 Datasheet HTML 43Page - STMicroelectronics STE2002DIE1 Datasheet HTML 44Page - STMicroelectronics STE2002DIE1 Datasheet HTML 45Page - STMicroelectronics STE2002DIE1 Datasheet HTML 46Page - STMicroelectronics STE2002DIE1 Datasheet HTML 47Page - STMicroelectronics STE2002DIE1 Datasheet HTML 48Page - STMicroelectronics STE2002DIE1 Datasheet HTML 49Page - STMicroelectronics STE2002DIE1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
STE2002
46/51
C124
125
+3125.0
-946.5
C125
126
+3175.0
-946.5
C126
127
+3225.0
-946.5
C127
128
+3275.0
-946.5
R40
129
+3571.5
-875.0
R41
130
+3571.5
-825.0
R42
131
+3571.5
-775.0
R43
132
+3571.5
-725.0
R44
133
+3571.5
-675.0
R45
134
+3571.5
-625.0
R46
135
+3571.5
-575.0
R47
136
+3571.5
-525.0
R48
137
+3571.5
-475.0
R49
138
+3571.5
-425.0
R50
139
+3571.5
-375.0
R51
140
+3571.5
-325.0
R52
141
+3571.5
-275.0
R53
142
+3571.5
-225.0
R54
143
+3571.5
-175.0
R55
144
+3571.5
-125.0
R56
145
+3571.5
-75.0
R57
146
+3571.5
-25.0
R58
147
+3571.5
+25.0
R59
148
+3571.5
+75.0
R60
149
+3571.5
+125.0
R61
150
+3571.5
+175.0
R62
151
+3571.5
+225.0
R63
152
+3571.5
+275.0
R64
153
+3571.5
+325.0
R65
154
+3571.5
+375.0
R66
155
+3571.5
+425.0
Table 16. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)
R67
156
+3571.5
+475.0
R68
157
+3571.5
+525.0
R69
158
+3571.5
+575.0
R70
159
+3571.5
+625.0
R71
160
+3571.5
+675.0
R72
161
+3571.5
+725.0
R73
162
+3571.5
+775.0
R74
163
+3571.5
+825.0
R75
164
+3571.5
+875.0
R76
165
+3275.0
+946.5
R77
166
+3225.0
+946.5
R78
167
+3175.0
+946.5
R79
168
+3125.0
+946.5
R80/ICON
169
+3075.0
+946.5
TEST_1
170
+2825.0
+946.5
TEST_2
171
+2775.0
+946.5
TEST_3
172
+2725.0
+946.5
TEST_4
173
+2675.0
+946.5
TEST_5
174
+2625.0
+946.5
TEST_6
175
+2575.0
+946.5
TEST_7
176
+2525.0
+946.5
TEST_8
177
+2475.0
+946.5
TEST_9
178
+2425.0
+946.5
TEST_10
179
+2375.0
+946.5
VSSAUX
180
+2225.0
+946.5
SA1
181
+2175.0
+946.5
SA0
182
+2125.0
+946.5
EXT
183
+2075.0
+946.5
SEL2
184
+2025.0
+946.5
SEL1
185
+1975.0
+946.5
ICON_MODE
186
+1925.0
+946.5
Table 16. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51