Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002DIE1 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 26Page - STMicroelectronics STE2002DIE1 Datasheet HTML 27Page - STMicroelectronics STE2002DIE1 Datasheet HTML 28Page - STMicroelectronics STE2002DIE1 Datasheet HTML 29Page - STMicroelectronics STE2002DIE1 Datasheet HTML 30Page - STMicroelectronics STE2002DIE1 Datasheet HTML 31Page - STMicroelectronics STE2002DIE1 Datasheet HTML 32Page - STMicroelectronics STE2002DIE1 Datasheet HTML 33Page - STMicroelectronics STE2002DIE1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
STE2002
30/51
Figure 36. Host Processor Interconnection with I2C Interface
Figure 37. Host Processor Interconnection with Serial Interface
VDD1
SA1
SCL
SDAIN
SDAOUT
VDD2
SEL1
SEL2
VSSAUX
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
EXT_SET
SA0
RES
OSCIN
VSSAUX
R/W
SDOUT
ICON_MODE
VSSAUX
TEST_4
TEST_5
TEST_3
TEST_10
TEST_8
TEST_9
TEST_7
TEST_2
TEST_1
VDD1 / GND / VSSAUX
GND / VSSAUX
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
STE2002
µP
VDD1
VDD1 / GND / VSSAUX
GND / VSSAUX
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
STE2002
µP
VDD1
SA1
SCL
SDAIN
SDAOUT
VDD2
SEL1
SEL2
VSSAUX
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
EXT_SET
SA0
RES
OSCIN
VSSAUX
R/W
SDOUT
ICON_MODE
VSSAUX
TEST_4
TEST_5
TEST_3
TEST_10
TEST_8
TEST_9
TEST_7
TEST_2
TEST_1
VDD1
VDD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51