Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STE2002
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 31Page - STMicroelectronics STE2002 Datasheet HTML 32Page - STMicroelectronics STE2002 Datasheet HTML 33Page - STMicroelectronics STE2002 Datasheet HTML 34Page - STMicroelectronics STE2002 Datasheet HTML 35Page - STMicroelectronics STE2002 Datasheet HTML 36Page - STMicroelectronics STE2002 Datasheet HTML 37Page - STMicroelectronics STE2002 Datasheet HTML 38Page - STMicroelectronics STE2002 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35/51
STE2002
Figure 44. Initialization with built-in Booster
Figure 45. Dual Partial Display Enabling Instruction Flow
SETUP NORMAL DISPLAY MODE CONFIGURATION
SET Driver in Power Down(PD=1)
SET Driver in Normal Display Mode (PE=0)
END OF NORMAL DISPLAY MODE CONFIG.
SET PRS[1:0], Vop[6:0], BS[2:0], CP[2:0], FR[1:0],
TC, M[1:0] for Normal Display Operation
Switch "ON" Booster and Display Control Logic
(PD=0)
ENABLE DUAL PARTIAL DISPLAY
END OF ENABLING DUAL PARTIAL DISPLAY
SET PE=1
OPTIONAL1
SET 1st Sector Start Address
SET 2nd Sector Start Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51