Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE100 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 49Page - STMicroelectronics STE100 Datasheet HTML 50Page - STMicroelectronics STE100 Datasheet HTML 51Page - STMicroelectronics STE100 Datasheet HTML 52Page - STMicroelectronics STE100 Datasheet HTML 53Page - STMicroelectronics STE100 Datasheet HTML 54Page - STMicroelectronics STE100 Datasheet HTML 55Page - STMicroelectronics STE100 Datasheet HTML 56Page - STMicroelectronics STE100 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
53/66
STE10/100
s
2 Octets of PAUSE time specified in the MAC Control parameter field to indicate the length of time
for which the destination is requested to inhibit data frame transmission.
s
Receive Operation for PAUSE function
Upon reception of a valid MAC Control frame, the STE10/100 will start a timer for the length of time
specified by the MAC Control Parameters field. When the timer value reaches zero, the STE10/100
exits the PAUSE state. However, a PAUSE frame will not affect the transmission of a frame that has
been submitted to the MAC (i.e., once a transmit out of the MAC is begun, it can’t be interrupted).
Conversely, the STE10/100 will not begin to transmit a frame more than one slot-time after valid PAUSE
frame is received a with a non-zero PAUSE time. If the STE10/100 receives a PAUSE frame with a zero
PAUSE time value, the STE10/100 exits the PAUSE state immediately.
Figure 15. PAUSE operation receive state diagram
Wait for Transmission Completed
transmission_in_progress = false *
DA
≠ (01-80-C2-00-00-01 + Phys-address)
DA = (01-80-C2-00-00-01 + Phys-address)
PAUSE FUNCTION
n_slots_rx = data [17:32]
Start pause_timer (n_slots_rx * slot_time)
UCT
END PAUSE
Opcode = PAUSE Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66