Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE100 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 42Page - STMicroelectronics STE100 Datasheet HTML 43Page - STMicroelectronics STE100 Datasheet HTML 44Page - STMicroelectronics STE100 Datasheet HTML 45Page - STMicroelectronics STE100 Datasheet HTML 46Page - STMicroelectronics STE100 Datasheet HTML 47Page - STMicroelectronics STE100 Datasheet HTML 48Page - STMicroelectronics STE100 Datasheet HTML 49Page - STMicroelectronics STE100 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
STE10/100
46/66
6.3 Transmit Scheme and Transmit Early Interrupt
6.3.1 Transmit flow
Figure 9. The flow of packet transmit is shown as below.
Own = 1
Initialize descriptor
Place data in host memory
Set Own bit to 1
Write Tx demand poll command
Transfer data to Tx FIFO
Exit
STE10/100
checks descriptor
Deferring OR data less
than Tx threshold?
Transmit data
across line
Collision
occurred?
Write descriptor
Generate interrupt
Back-off
Own = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66