Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51SND1C-ROTIL Fiches technique(PDF) 44 Page - ATMEL Corporation

No de pièce AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Fiches technique(HTML) 44 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 210 page
background image
44
AT8xC51SND1C
4109E–8051–06/03
Table 55. IPL0 Register
IPL0 (S:B8h) - Interrupt Priority Low Register 0
Reset Value = X000 0000b
7654
3210
-
IPLAUD
IPLMP3
IPLS
IPLT1
IPLX1
IPLT0
IPLX0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6IPLAUD
Audio Interface Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
5IPLMP3
MP3 Decoder Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
4IPLS
Serial Port Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
3IPLT1
Timer 1 Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
2IPLX1
External Interrupt 1 Priority Level LSB
Refer to Table 49 for priority level description.
1IPLT0
Timer 0 Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
0IPLX0
External Interrupt 0 Priority Level LSB
Refer to Table 49 for priority level description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More