| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51SND1C-ROTIL Fiches technique(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL Fiches technique(HTML) 42 Page - ATMEL Corporation |
|
42 / 210 page ![]() 42 AT8xC51SND1C 4109E–8051–06/03 Table 53. IPH0 Register IPH0 (S:B7h) – Interrupt Priority High Register 0 Reset Value = X000 0000b 7654 3210 - IPHAUD IPHMP3 IPHS IPHT1 IPHX1 IPHT0 IPHX0 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6IPHAUD Audio Interface Interrupt Priority Level MSB Refer to Table 49 for priority level description. 5IPHMP3 MP3 Decoder Interrupt Priority Level MSB Refer to Table 49 for priority level description. 4IPHS Serial Port Interrupt Priority Level MSB Refer to Table 49 for priority level description. 3IPHT1 Timer 1 Interrupt Priority Level MSB Refer to Table 49 for priority level description. 2IPHX1 External Interrupt 1 Priority Level MSB Refer to Table 49 for priority level description. 1IPHT0 Timer 0 Interrupt Priority Level MSB Refer to Table 49 for priority level description. 0IPHX0 External Interrupt 0 Priority Level MSB Refer to Table 49 for priority level description. |