| Moteur de recherche de fiches techniques de composants électroniques |
|
2STN1550 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STN1550 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. May 2007 Rev 1 1/8 8 Order codes Part Number Marking Package Packaging 2STF1550 1550 SOT-89 Tape & reel 2STN1550 N1550 SOT-223 Tape & reel 2STF1550 2STN1550 Low voltage fast-switching NPN power bipolar transistors General features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Surface mounting devices in medium power SOT-89 and SOT-223 packages ■ In compliance with the 2002/93/EC European Directive Applications ■ Emergency lighting ■ LED ■ Motherboard & Hard Disk drive ■ Mobile equipment ■ Battery charger ■ Voltage regulation Description The 2STF1550 and 2STN1550 are NPN transistors manufactured using new “PB-HCD” (Power Bipolar High Current Density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Internal schematic diagram SOT-89 1 2 2 3 SOT-223 www.st.com |
Numéro de pièce similaire - 2STN1550 |
|
Description similaire - 2STN1550 |