Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STN1550 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2STN1550
Description  Low voltage fast-switching NPN power bipolar transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN1550 Fiches technique(HTML) 6 Page - STMicroelectronics

  2STN1550 Datasheet HTML 1Page - STMicroelectronics 2STN1550 Datasheet HTML 2Page - STMicroelectronics 2STN1550 Datasheet HTML 3Page - STMicroelectronics 2STN1550 Datasheet HTML 4Page - STMicroelectronics 2STN1550 Datasheet HTML 5Page - STMicroelectronics 2STN1550 Datasheet HTML 6Page - STMicroelectronics 2STN1550 Datasheet HTML 7Page - STMicroelectronics 2STN1550 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
2STF1550 2STN1550
6/8
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.80
0.071
B
0.60
0.70
0.80
0.024
0.027
0.031
B1
2.90
3.00
3.10
0.114
0.118
0.122
c
0.24
0.26
0.32
0.009
0.010
0.013
D
6.30
6.50
6.70
0.248
0.256
0.264
e
2.30
0.090
e1
4.60
0.181
E
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V10o
10o
A1
0.02
P008B
SOT-223 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8