Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STC5949 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2STC5949
Description  High power NPN epitaxial planar bipolar transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC5949 Fiches technique(HTML) 6 Page - STMicroelectronics

  2STC5949 Datasheet HTML 1Page - STMicroelectronics 2STC5949 Datasheet HTML 2Page - STMicroelectronics 2STC5949 Datasheet HTML 3Page - STMicroelectronics 2STC5949 Datasheet HTML 4Page - STMicroelectronics 2STC5949 Datasheet HTML 5Page - STMicroelectronics 2STC5949 Datasheet HTML 6Page - STMicroelectronics 2STC5949 Datasheet HTML 7Page - STMicroelectronics 2STC5949 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
2STC5949
6/8
DIM.
mm.
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.80
5.20
0.189
0.205
D
2.50
3.10
0.098
0.122
E
0.50
0.60
0.85
0.020
0.24
0.033
F
0.90
1.00
1.25
0.036
0.039
0.049
G
10.30
11.50
0.406
0.453
G1
5.45
0.215
H
19.80
20.20
0.780
0.795
L3
25.80
26.20
1.016
1.031
L5
5.80
6.20
0.228
0.244
L7
19.50
20.50
0.768
0.807
N
2.30
2.70
0.091
0.106
R
4.7
5.10
0.185
0.201
DIA
3.10
3.50
0.122
0.138
TO-264 MECHANICAL DATA
MTO-264 rev.1



Html Pages

1 2 3 4 5 6 7 8