| Moteur de recherche de fiches techniques de composants électroniques |
|
RMLD232UAW Fiches technique(PDF) 29 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
RMLD232UAW Fiches technique(HTML) 29 Page - Emerging Memory & Logic Solutions Inc |
|
29 / 50 page ![]() 29 Rev 0.7 64Mb Low Power DDR SDRAM Advanced Functional Truth Table ABBREVIATIONS : H=High Level, L=Low level, X=Don’t Care NOTE : 1. All entries assume that CKE was High during the preceding clock cycle and the current clock cycle. 2. ILLEGAL to bank in specified state ; function may be legal in the bank indicated by BA, depending on the state of that bank. 3. Must satisfy bus contention, bus turn around and write recovery requirements. 4. NOP to bank precharging or in idle sate. May precharge bank indicated by BA. 5. ILLEGAL if any bank is not idle. 6. Refer to “Read with Auto Precharge Timing Diagram” for detailed information. 7. Refer to “Write with Auto Precharge Timing Diagram” for detailed infotmation. 8. CKE Low to High transition will re-enable CK, CK and other inputs asynchronously. A minimum setup time must be satisfied before issuing any command other than EXIT. 9. Power-Down and Self-Refresh and Deep Power Down Mode can be entered only from All Bank Idle state. 10. The Deep Power Down Mode is exited by asserting CKE high and full initialization is required after exting Deep Power Down Mode. ILLEGAL = Device operation and/or data integrity are not guaranteed. Current State CKEn-1 CKEn CS RAS CAS WE Add Action SELF- REFRESHING*8 L H H X X X X Exit Self-Refresh L H L H H H X Exit Self-Refresh L H L H H L X ILLEGAL L H L H L X X ILLEGAL L H L L X X X ILLEGAL L L X X X X X NOP(Maintain Self-Refresh) POWER DOWN L H X X X X X Exit Power Down(Idle after tPDEX) L L X X X X X NOP(Maintain Power Down) DEEP POWER DOWN L H H X X X X Exit Deep Power Down *10 L L X X X X X NOP(Maintain Deep Power Down) ALL BANKS IDLE*9 H H X X X X X Refer to Function Truth Table H L L L L H X Enter Self-Refresh H L H X X X X Enter Power Down H L L H H H X Enter Power Down H L L H H L X ILLEGAL H L L H L X X ILLEGAL H L L L X X X ILLEGAL L X X X X X X Refer to Current State=Power Down ANY STATE other than listed above H H X X X X X Refer to Function Truth Table |