| Moteur de recherche de fiches techniques de composants électroniques |
|
RMLD232UAW Fiches technique(PDF) 16 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
RMLD232UAW Fiches technique(HTML) 16 Page - Emerging Memory & Logic Solutions Inc |
|
16 / 50 page ![]() 16 Rev 0.7 64Mb Low Power DDR SDRAM Advanced Write Interrupted by a Write A Burst Write can be interrupted before completion of the burst by a new Write command, with the only restriction that the interval that separates the commands must be at least one clock cycle. When the previous burst is interrupted, the remaining addresses are over- ridden by the new address and data will be written into the device until the programmed burst length is satisfied. 0 1 2 3 4 5 6 7 8 CK CK Command NOP NOP NOP NOP NOP DQS DQs Figure.10 Write interrupted by a write timing < Burst Length=4 > WRITE A Din A0 NOP WRITE B Din A1 Din B0 Din B1 Din B2 Din B3 1tCK NOP |