Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301R273U6R3JS2 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce 301R273U6R3JS2
Description  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

301R273U6R3JS2 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 301R273U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
1000
301102U025GE2 170.0 81.8
1.57
2.13
.77 x 1.15
330 301R331M040EM2 202.0
68.0
1.19
2.05
.51 x 1.10
1000 301R102U025GE2 148.0 70.9
1.68
2.29
.77 x 1.15
330
301331U040FN2 330.0 120.0
1.35
2.24
.65 x 1.32
1200 301R122M025ER2 90.0
34.0
2.20
3.58
.51 x 1.73
390
301391U040ER2 270.0 150.0
1.42
1.90
.51 x 1.73
1200 301R122M025FK2 132.0 45.0
1.71
2.93
.65 x 1.04
470 301R471M040FK2 133.0
46.0
1.66
2.82
.65 x 1.04
1200
301122U025LV2 100.0 50.0
2.26
3.20
.73 x 1.63
680 301R681M040ER2 95.0
35.0
2.07
3.41
.51 x 1.73
1500 301R152M025FF2 95.0
39.0
2.20
3.44
.65 x 1.32
820
301821U040LV2 160.0
75.0
1.78
2.60
.73 x 1.63
1800 301R182M025FQ2 75.0
32.0
2.59
3.97
.65 x 1.48
1000 301R102M040FQ2 80.0
33.0
2.49
3.87
.65 x 1.48
1800
301182U025HE2 117.0 62.1
2.07
2.68
.895 x 1.15
1200 301122U040HE2 137.0
65.6
1.92
2.61
.895 x 1.15
1800 301R182U025HE2 102.0 47.7
2.23
3.06
.895 x 1.15
1200 301R122U040HE2 118.0
52.1
2.06
2.93
.895 x 1.15
2200 301R222M025FV2 73.0
31.0
2.69
4.13
.65 x 1.65
1500 301R152M040LV2 63.0
27.0
3.16
4.82
.73 x 1.63
2200 301R222M025LQ2 70.0
30.0
2.84
4.34
.73 x 1.48
1500
301152U040JE2 109.0
60.2
2.24
2.84
1.02 x 1.15
2200
301222U025GJ2
86.3
41.4
2.42
3.30
.77 x 1.65
1500 301R152U040JE2 94.8
43.6
2.40
3.34
1.02 x 1.15
2200 301R222U025GJ2 74.8
35.9
2.60
3.54
.77 x 1.65
2200
301222U040HJ2 69.4
33.3
3.18
4.33
.895 x 1.65
2700 301R272M025LV2 62.0
26.0
3.22
4.97
.73 x 1.63
2200 301R222U040HJ2 60.2
26.5
3.42
4.86
.895 x 1.65
2700
301272U025JE2
95.8
57.5
2.39
2.91
1.02 x 1.15
3300 301332U040HL2 47.2
22.6
4.48
6.09
.895 x 2.15
2700 301R272U025JE2 83.0
41.5
2.57
3.42
1.02 x 1.15
3300 301R332U040HL2 36.0
15.8
5.12
7.28
.895 x 2.15
3300
301332U025GL2
58.4
28.1
3.69
5.02
.77 x 2.15
3300
301332U040JJ2
55.8
30.7
3.86
4.90
1.02 x 1.65
3300 301R332U025GL2 50.6
24.3
3.97
5.40
.77 x 2.15
3300 301R332U040JJ2 48.3
22.2
4.14
5.76
1.02 x 1.65
3300
301332U025HJ2
59.7
31.6
3.44
4.45
.895 x 1.65
3900 301R392U040GS2 37.1
16.7
5.63
7.92
.77 x 3.15
3300 301R332U025HJ2 51.7
24.3
3.69
5.07
.895 x 1.65
4700 301472U040GT2 36.4
16.4
6.06
8.52
.77 x 3.65
4700
301472U025GP2 44.7
21.4
4.71
6.40
.77 x 2.65
4700 301R472U040GT2 31.6
14.2
6.51
9.15
.77 x 3.65
4700 301R472U025GP2 38.7
18.6
5.05
6.88
.77 x 2.65
4700 301472U040HP2 36.2
17.4
5.68
7.73
.895 x 2.65
4700
301472U025JJ2
48.9
29.4
4.12
5.01
1.02 x 1.65
4700 301R472U040HP2 27.4
12.0
6.54
9.29
.895 x 2.65
4700 301R472U025JJ2 42.4
21.2
4.42
5.90
1.02 x 1.65
4700
301472U040JL2
38.1
20.9
5.35
6.81
1.02 x 2.15
5600
301562U025GS2 36.5
17.5
5.68
7.73
.77 x 3.15
4700 301R472U040JL2 26.5
12.2
6.42
8.93
1.02 x 2.15
5600 301R562U025GS2 31.6
15.2
6.10
8.30
.77 x 3.15
5600 301562U040HS2 29.7
14.3
6.84
9.31
.895 x 3.15
5600
301562U025HL2
42.0
22.3
4.74
6.14
.895 x 2.15
5600 301R562U040HS2 22.2
9.8
7.91
11.20
.895 x 3.15
5600 301R562U025HL2 30.4
14.3
5.58
7.67
.895 x 2.15
6800 301682U040HT2 25.5
12.3
7.89
10.70
.895 x 3.65
6800
301682U025GT2
31.2
15.0
6.55
8.91
.77 x 3.65
6800 301R682U040HT2 18.9
8.3
9.18
13.10
.895 x 3.65
6800 301R682U025GT2 27.0
13.0
7.04
9.58
.77 x 3.65
6800
301682U040JP2 29.4
16.2
6.77
8.61
1.02 x 2.65
6800
301682U025HP2
31.3
16.6
6.11
7.91
.895 x 2.65
6800 301R682U040JP2 20.2
9.3
8.17
11.40
1.02 x 2.65
6800 301R682U025HP2 23.1
10.9
7.11
9.77
.895 x 2.65
8200
301822U040JS2 24.3
13.4
8.09
10.30
1.02 x 3.15
6800
301682U025JL2
33.5
20.1
5.71
6.94
1.02 x 2.15
8200 301R822U040JS2 16.5
7.6
9.82
13.60
1.02 x 3.15
6800 301R682U025JL2 22.5
11.3
6.96
9.29
1.02 x 2.15
10000 301103U040JT2
21.0
11.5
9.35
11.90
1.02 x 3.65
8200
301822U025HS2
25.8
13.7
7.34
9.50
.895 x 3.15
10000 301R103U040JT2 14.1
6.5
11.40
15.90
1.02 x 3.65
8200 301R822U025HS2 18.9
8.9
8.59
11.81
.895 x 3.15
50 Vdc (75 Vdc Surge)
10000 301103U025HT2
22.3
11.8
8.45
10.94
.895 x 3.65
100
301101U050EN2 810.0 260.0
0.65
1.14
.51 x 1.38
10000 301R103U025HT2 16.0
7.5
9.96
13.69
.895 x 3.65
120 301R121M050EG2 391.0 139.0
0.79
1.33
.51 x .85
10000 301103U025JP2
26.0
15.6
7.20
8.77
1.02 x 2.65
150
301151U050FK2 550.0 220.0
0.82
1.30
.65 x 1.04
10000 301R103U025JP2 17.2
8.6
8.84
11.80
1.02 x 2.65
180 301R181M050EK2 261.0
90.0
0.95
1.61
.51 x 1.04
12000 301123U025JS2
21.6
12.9
8.59
10.50
1.02 x 3.15
180
301181U050ER2 500.0 180.0
0.93
1.55
.51 x 1.73
12000 301R123U025JS2 14.1
7.1
10.60
14.10
1.02 x 3.15
220 301R221M050EM2 240.0
69.0
1.12
2.08
.51 x 1.04
15000 301153U025JT2
18.7
11.2
9.90
12.10
1.02 x 3.65
220
301221U050FN2 420.0 150.0
1.09
1.83
.65 x 1.32
15000 301R153U025JT2 12.1
6.0
12.30
16.40
1.02 x 3.65
330 301R331M050EN2 221.0
63.0
1.19
2.22
.51 x 1.38
40 Vdc (60 Vdc Surge)
390 301R391M050FK2 150.0
48.0
1.60
2.82
.65 x 1.04
220
301221U040FK2 480.0 140.0 0.89
1.65
.65 x 1.04
470 301R47lM050ER2 111.0
36.0
1.97
3.46
.51 x 1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11