Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301R273U6R3JS2 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 301R273U6R3JS2
Description  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

301R273U6R3JS2 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 301R273U6R3JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 301R273U6R3JS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
7.5 Vdc (10 Vdc Surge)
3300 301R332U010HE2 106.0
61.8
2.17
2.69
.895 x 1.15
2200 301222U7R5GE2 147.0
80.8
1.69
2.14
.77 x 1.15
3300 301332U010HE2 92.3
50.8
2.33
2.97
.895 x 1.15
2200 301R222U7R5GE2 127.0
70.0
1.81
2.30
.77 x 1.15
3900 301392U010GJ2 77.6
41.1
2.56
3.31
.77 x 1.65
3900 301392U7R5HE2 103.0
61.6
2.21
2.69
.895 x 1.15
3900 301R392U010GJ2 67.3
35.7
2.75
3.56
.77 x 1.65
3900 301R392U7R5HE2 88.9
48.9
2.38
3.02
.895 x 1.15
4700 301R472M010FF2 87.0
38.0
2.29
3.47
.65 x 1.32
4700
301472U7R5GJ2 74.5
41.0
2.61
3.32
.77 x 1.65
4700
301472U010JE2 88.3
56.5
2.49
2.94
1.02 x 1.15
4700 301R472U7R5GJ2 64.5
35.5
2.80
3.56
.77 x 1.65
4700 301R472U010JE2 76.5
42.8
2.68
3.37
1.02 x 1.15
5600
301562U7R5JE2
85.5
56.5
2.53
2.94
1.02 x 1.15
5600 301R562M010FQ2 78.0
33.0
2.35
3.62
.65 x 1.48
5600 301R562U7R5JE2 74.1
41.5
2.72
3.42
1.02 x 1.15
5600 301562U010GL2 52.7
27.9
3.89
5.04
.77 x 2.15
6800
301682U7R5GL2 50.6
27.8
3.97
5.05
.77 x 2.15
5600 301R562U010GL2 45.6
24.2
4.18
5.41
.77 x 2.15
6800 301R682U7R5GL2 43.8
24.1
4.26
5.42
.77 x 2.15
6800 301R682M010LQ2 71.0
31.0
2.92
4.42
.73 x 1.48
6800
301682U7R5HJ2
52.4
31.4
3.67
4.46
.895 x 1.65
6800
301682U010HJ2 54.3
31.5
3.60
4.46
.895 x 1.65
6800 301R682U7R5HJ2 45.4
25.0
3.94
5.01
.895 x 1.65
6800 301R682U010HJ2 47.1
25.9
3.87
4.92
.895 x 1.65
8200 301822U7R5GP2 38.7
21.3
5.05
6.42
.77 x 2.65
8200 301R882M010LV2 60.0
26.0
3.30
5.01
.73 x 1.63
8200 301R822U7R5GP2 33.6
18.5
5.43
6.90
.77 x 2.65
8200 301822U010GP2 40.3
21.4
4.95
6.41
.77 x 2.65
10000 301103U7R5HL2
35.8
21.5
5.14
6.25
.895 x 2.15
8200 301R822U010GP2 34.9
18.5
5.32
6.89
.77 x 2.65
10000 301R103U7R5HL2 26.2
14.4
6.01
7.64
.895 x 2.15
8200
301822U010JJ2
45.2
28.9
4.28
5.05
1.02 x 1.65
10000 301103U7R5JJ2
43.8
28.9
4.35
5.05
1.02 x 1.65
8200 301R822U010JJ2 39.2
21.9
4.60
5.80
1.02 x 1.65
10000 301R103U7R5JJ2 38.0
21.3
4.67
5.89
1.02 x 1.65
10000 301103U010GS2 33.0
17.5
5.97
7.73
.77 x 3.15
12000 301123U7R5GS2 31.8
17.5
6.09
7.74
.77 x 3.15
10000 301R103U010GS2 28.6
15.2
6.41
8.31
.77 x 3.15
12000 301R123U7R5GS2 27.5
15.1
6.54
8.31
.77 x 3.15
10000 301103U010HL2 37.1
21.5
5.05
6.25
.895 x 2.15
12000 301123U7R5GT2 27.2
15.0
7.01
8.91
.77 x 3.65
10000 301R103U010HL2 27.3
15.0
5.88
7.48
.895 x 2.15
12000 301R123U7R5GT2 23.6
13.0
7.53
9.57
.77 x 3.65
12000 301123U010GT2 28.3
15.0
6.88
8.91
.77 x 3.65
15000 301153U7R5HP2 27.7
16.6
6.50
7.91
.895 x 2.65
12000 301R123U010GT2 24.5
13.0
7.39
9.57
.77 x 3.65
15000 301R153U7R5HP2 20.0
11.0
7.65
9.73
.895 x 2.65
12000 301123U010HP2 28.7
16.6
6.39
7.91
.895 x 2.65
15000 301153U7R5JL2
30.1
19.9
6.02
6.99
1.02 x 2.15
12000 301R123U010HP2 20.8
11.5
7.49
9.53
.895 x 2.65
15000 301R153U7R5JL2 19.6
10.9
7.47
9.41
1.02 x 2.15
12000 301123U010JL2
31.0
19.9
5.93
6.99
1.02 x 2.15
18000 301183U7R5HS2 22.9
13.8
7.79
9.48
.895 x 3.15
12000 301R123U010JL2 20.3
11.4
7.33
9.23
1.02 x 2.15
18000 301R183U7R5HS2 16.3
9.0
9.23
11.70
.895 x 3.15
15000 301153U010HS2 23.7
13.7
7.66
9.49
.895 x 3.15
22000 301223U7R5HT2 19.8
11.9
8.95
10.90
.895 x 3.65
15000 301R153U010HS2 17.0
9.3
9.05
11.50
.895 x 3.15
22000 301R223U7R5HT2 13.9
7.7
10.70
13.60
.895 x 3.65
18000 301183U010HT2 20.5
11.9
8.81
10.90
.895 x 3.65
22000 301223U7R5JP2
23.4
15.5
7.59
8.80
1.02 x 2.65
18000 301R183U010HT2 14.5
8.0
10.50
13.30
.895 x 3.65
22000 301R223U7R5JP2 15.0
8.4
9.47
11.90
1.02 x 2.65
18000 301183U010JP2
24.1
15.4
7.48
8.81
1.02 x 2.65
27000 301273U7R5JS2
19.5
12.9
9.03
10.50
1.02 x 3.15
18000 301R183U010JP2 15.6
8.7
9.29
11.70
1.02 x 2.65
27000 301R273U7R5JS2 15.5
8.7
10.10
12.80
1.02 x 3.15
22000 301223U010JS2 20.1
12.8
8.90
10.50
1.02 x 3.15
33000 301333U7R5JT2
17.0
11.2
10.40
12.10
1.02 x 3.65
22000 301R223U010JS2 16.1
9.0
9.94
12.50
1.02 x 3.15
33000 301R333U7R5JT2 10.6
5.9
13.10
16.60
1.02 x 3.65
27000 301273U010JT2
17.5
11.2 10.30
12.10
1.02 x 3.65
10 Vdc (15 Vdc Surge)
27000 301R273U010JT2 11.0
6.2
12.90
16.30
1.02 x 3.65
1000 301R102M010EG2 216.0
77.0
1.07
1.80
.51 x .85
16 Vdc (25 Vdc Surge)
1500 301R152M010EK2 200.0
64.0
1.07
1.90
.51 x 1.04
820 301R821M016EG2 216.0
85.0
1.12
1.78
.51 x .85
1800 301R182M010EM2 122.0
62.0
1.58
2.21
.51 x 1.10
1200 301R122M016EM2 130.0
66.0
1.60
2.24
.51 x 1.10
1800
301182U010GE2 153.0
81.2
1.65
2.14
.77 x 1.15
1500 301152U016GE2 159.0
80.9
1.62
2.14
.77 x 1.15
1800 301R182U010GE2 133.0
70.3
1.77
2.30
.77 x 1.15
1500 301R152U016GE2 138.0
70.1
1.74
2.30
.77 x 1.15
2700 301R272M010EN2 111.0
59.0
1.66
2.28
.51 x 1.38
1800 301R182M016EN2 122.0
55.0
1.85
2.76
.51 x 1.38
2700 301R272M010FK2 116.0
42.0
2.04
3.39
.65 x 1.04
2200 301R222M016FK2 120.0
42.0
1.79
3.02
.65 x 1.04
3300 301R332M010ER2 75.0
32.0
2.41
3.69
.51 x 1.73
2700 301R272M016ER2 82.0
32.0
1.66
2.65
.51 x 1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11