Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA002 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics STA002 Datasheet HTML 31Page - STMicroelectronics STA002 Datasheet HTML 32Page - STMicroelectronics STA002 Datasheet HTML 33Page - STMicroelectronics STA002 Datasheet HTML 34Page - STMicroelectronics STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Reg name: SERVICE COMPONENT 5
Internal address: 110H, 111H, 112H, 113H
Type: R
Description :
Contains information about the service compo-
nent of the broadcast channel
SC5 _LENGHT & SC5_TYPE(addr 110H)
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
SC5_EC & SC5_PT(addr 111H)
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
SC5_PT (addr 112H)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
LANGUAGE 5(addr 113H)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
b31 to b28 = SC length Bit rate of the service
component divided by 8 kbps:
000: 8 kbps
001: 16 kbps
...............
1111: 128 kbps
b27 to b24 = SC type
Type of service component:
0000: MPEG
0001: general data
0100: JPEG
0101: Low bit rate video
1111: invalid data
else: RFU
b23 = Encryption flag
0: not encrypted SC
1: encrypted SC
b22 to b8 = Program type
b7 to b0 = SC language
Reg name: SERVICE COMPONENT 6
Internal address: 114H, 115H, 116H, 117H
Type: R
Description :
Contains information about the service compo-
nent of the broadcast channel
SC6 _LENGHT & SC6_TYPE(addr 114H)
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
SC6 _EC & SC6_PT(addr 115H)
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
SC6_PT (addr 116H)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
LANGUAGE6 (addr 117H)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
b31 to b28 = SC length Bit rate of the service
component divided by 8 kbps:
0000: 8 kbps
0001: 16 kbps
...............
1111: 128 kbps
b27 to b24 = SC type
Type of service component:
0000: MPEG
0001: general data
0100: JPEG
0101: Low bit rate video
1111: invalid data
else: RFU
b23 = Encryption flag
0: not encrypted SC
1: encrypted SC
b22 to b8 = Program type
7 to b0 = SC language
STA002
33/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43